Part Number Hot Search : 
2322427 74LVC2G0 W25Q32 D674122 ST92195B ML65L245 A5801109 11N50
Product Description
Full Text Search
 

To Download JANTXV2N6990 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  6 lake street, lawrence, ma 01841 1-800-446-1158 / (978) 794-1666 / fax: (978) 689-0803 page 1 of 2 maximum ratings (1) ratings symbol value units collector-emitter voltage (3) v ceo 50 vdc collector-base voltage (3) v cbo 75 vdc emitter-base voltage (3) v ebo 6.0 vdc collector current (3) i c 800 madc total power dissipation @ t a = +25 0 c 2n6989 (2) 2n6989u (2) 2n6990 (2) p d 1.5 1.0 0.4 w operating & storage junction temperature range t op , t stg -65 to +200 0 c 1) maximum voltage between transistors shall be 500 vdc 2) derate linearly 8.57 mw/ 0 c above t a = +25 0 c for 2n6989 and 2n6989u derate linearly 2.286 mw/ 0 c above t a = +25 0 c for 2n6990 ratings apply to total package. 3) ratings apply to each transistor in the array. electrical characteristics (t a = 25 0 c unless otherwise noted) characteristics symbol min. max. unit off characteristics collector-emitter breakdown voltage i c = 10 madc v (br) ceo 50 vdc 2n6989, 2n6990 jan, series technical data 2n6989 jan, jtx, jtxv, jans 2n6989u jan, j t x , j t x v , j a n s 2n6990 jan, j t x , j t x v , j a n s processed per mil-prf-19500/559 multiple (quad) npn silicon dual-in-line and flatpack transistor 2n6989 to- 116 2n6989u 20 pin leadless 2n6990 14 pin flat pack mil-prf qml devices
6 lake street, lawrence, ma 01841 1-800-446-1158 / (978) 794-1666 / fax: (978) 689-0803 page 2 of 2 electrical characteristics (con?t) characteristics symbol min. max. unit collector-base cutoff current v cb = 60 vdc v cb = 75 vdc; i c = 10 adc i cbo 10 10 adc adc emitter-base cutoff current v eb = 4.0vdc v eb = 6.0vdc; i c = 10 adc i ebo 10 10 adc adc on characteristics forward-current transfer ratio i c = 0.1 madc, v ce = 10 vdc i c = 1.0 madc, v ce = 10 vdc i c = 10 madc, v ce = 10 vdc i c = 150 madc, v ce = 10 vdc i c = 500 madc, v ce = 10 vdc h fe 50 75 100 100 30 325 300 collector-emitter saturation voltage i c = 150 madc, i b = 15 madc i c = 500 madc, i b = 50 madc v ce(sat) 0.3 1.0 vdc base-emitter saturation voltage i c = 150 madc, i b = 15 madc i c = 500 madc, i b = 50 madc v be(sat) 0.6 1.2 2.0 vdc dynamic characteristics magnitude of small-signal short-circuit forward current transfer ratio i c = 20 madc, v ce = 10 vdc, f = 100 mhz ? h fe ? 2.5 10 forward current transfer ratio i c = 1.0 madc, v ce = 10 vdc, f = 1.0 khz h fe 50 output capacitance v cb = 10 vdc, i e = 0, 100 khz f 1.0 mhz c obo 8.0 pf input capacitance v eb = 0.5 vdc, i e = 0, 100 khz f 1.0 mhz c ibo 25 pf


▲Up To Search▲   

 
Price & Availability of JANTXV2N6990

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X